this document was generated on 04/22/2010 please check www.molex.com for latest part information part number: 0387206318 status: active description: 9.53mm (.375") pitch beau? pcb terminal strip, without mounting ends, 18 circuits documents: 3d model product specification ps-38710-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family terminal blocks series 38720 application wire-to-board component type one piece product name fixed mount barrier type barrier strip physical circuits (loaded) 18 circuits (maximum) 18 color - resin black entry angle horizontal lock to mating part none material - metal brass material - plating mating tin material - plating termination tin material - resin polyester number of rows 1 orientation horizontal pc tail length (in) 0.190 in pc tail length (mm) 4.80 mm pcb retention none pcb thickness recommended (in) 0.125 in pcb thickness recommended (mm) 3.18 mm panel mount no pitch - mating interface (in) 0.375 in pitch - mating interface (mm) 9.53 mm pitch - term. interface (in) 0.375 in pitch - term. interface (mm) 9.53 mm plating min: mating (in) 150 plating min: mating (m) 3.75 plating min: termination (in) 150 plating min: termination (m) 3.75 polarized to mating part no shrouded dual-barrier stackable no surface mount compatible (smc) no temperature range - operating -40c to +130c wire size awg 14, 16, 18, 20, 22 wire size mm2 0.50 - 1.50 electrical current - maximum per contact 15a voltage - maximum 300v solder process data lead-free process capability wave capable (th only) series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 38720 series mates with n/a
material info old part number 72518-c reference - drawing numbers product specification ps-38710-001 sales drawing sd-38720-002 this document was generated on 04/22/2010 please check www.molex.com for latest part information
|